Part Number Hot Search : 
NTE1838 Y6215 GBL2J C3332 MOB51DRH RF100 T5001 2W47RJ
Product Description
Full Text Search
 

To Download SIM2-0515D-SIL7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W DC/DC SIM-SIL MODUL
SIM 2 - SIL 7
2 Watt Ultra-Miniatur SIL-Modul-Serie
HN-MODUL
Besondere Merkmale
Ultraminiatur-SIL7-Gehause Isolationsspannung max. 1000 VDC kurzzeitig Kurzschlufestigkeit
Features
Ultra mini SIL7 package Isolation voltage max. 1000 V short-time short circuit protection
Technische Daten
(bei 25C Umgebungstemperatur, nominaler Eingangsspannung und Vollast )
Specification
(at 25C ambient temperature, nominal input voltage and full load )
Eingangsdaten
Eingangsspannung Eingangsfilter
Input Specifications
Input voltages Input filter 5 / 12 / 15 VDC, 10% Kondensatoren, capacitors
Ausgangsdaten
Leistung Wirkungsgrad Regelabweichung Restwelligkeit Last Eingang
Output Specifications
Power Efficiency Voltage accuracy Ripple and noise Load Line 2 Watt 70% min. Max. 5% 100 mV p-p max. 10%(Load=20%-100%) 1.2% von Vin
Allgemeine Daten
Schaltfrequenz Betriebstemperatur Lagertemperatur Isolationsspannung Gehausematerial
General Specifications
Switching frequency Operation temperature Storage temperature Isolation voltage Casing 100 KHz min. -20C...+75C -25C...+125C 1 kVDC min. Nichtleitender Kunststoff, non conducting plastics
D B
HN Electronic Components GmbH * Birkenweiherstr. 2 * D-63505 Langenselbold Tel. (06184) 92780 * Fax (06184) 62316 * http://www.hn-electronic.de
SIM 2 - SIL 7
2 Watt Ultra-Miniatur SIL-Modul-Serie
Bestell-Information / Order Information Modell
SIM2-0505S-SIL7 SIM2-0512S-SIL7 SIM2-0515S-SIL7 SIM2-0905S-SIL7 SIM2-0912S-SIL7 SIM2-0915S-SIL7 SIM2-1205S-SIL7 SIM2-1212S-SIL7 SIM2-1215S-SIL7 SIM2-1505S-SIL7 SIM2-1512S-SIL7 SIM2-1515S-SIL7 SIM2-0512D-SIL7 SIM2-0515D-SIL7 SIM2-0905D-SIL7 SIM2-0912D-SIL7 SIM2-0915D-SIL7 SIM2-1205D-SIL7 SIM2-1212D-SIL7 SIM2-1215D-SIL7 SIM2-1505D-SIL7 SIM2-1512D-SIL7 SIM2-1515D-SIL7
2W DC/DC SIM-SIL MODUL
Ausgang 2/Output 2 V / mA
Eingang/Input V
5 5 5 9 9 9 12 12 12 15 15 15 5 5 9 9 9 12 12 12 15 15 15
Ausgang 1/Output 1 V / mA
5/400 12/166 15/132 5/400 12/166 15/132 5/400 12/166 15/132 5/400 12/166 15/132 12/82 15/66 5/200 12/82 15/66 5/200 12/82 15/66 5/200 12/82 15/66
MEMO:
-12/82 -15/66 -5/200 -12/82 -15/66 -5/200 -12/82 -15/66 -5/200 -12/82 -15/66
(inch) PIN-Belegung und Zeichnung / Pin assignments & drawing, mm (inch)
HN Electronic Components GmbH * Birkenweiherstr. 2 * D-63505 Langenselbold Tel. (06184) 92780 * Fax (06184) 62316 * http://www.hn-electronic.de
Technische Anderungen vorbehalten. Technical specifications are subject to change without notice.
D B


▲Up To Search▲   

 
Price & Availability of SIM2-0515D-SIL7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X